Part Number Hot Search : 
AP1501 TA3S15E NTE7067 NTE7067 254851 ER107 TC322 TES75
Product Description
Full Text Search
 

To Download MX23L8100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDEX
MX23L8100
8M-BIT MASK ROM(8/16 BIT OUTPUT)
FEATURES
* Bit organization - 1M x 8 (byte mode) - 512K x 16 (word mode) * Fast access time - Random access: 100ns (max.) * Current - Operating: 20mA - Standby: 5uA * Supply voltage - 3.3V10% * Package - 44 pin SOP (500mil) - 42 pin PDIP (600mil) - 48 pin TSOP (type 1) - 48 pin TSOP (type 2)
ORDER INFORMATION
Part No. MX23L8100MC-10 MX23L8100MC-12 MX23L8100MC-15 MX23L8100PC-10 MX23L8100PC-12 MX23L8100PC-15 MX23L8100TC-10 MX23L8100TC-12 MX23L8100TC-15 MX23L8100RC-10 MX23L8100RC-12 MX23L8100RC-15 MX23L8100YC-10 MX23L8100YC-12 Access Time 100ns 120ns 150ns 100ns 120ns 150ns 100ns 120ns 150ns 100ns 120ns 150ns 100ns 120ns Package 44 pin SOP 44 pin SOP 44 pin SOP 42 pin PDIP 42 pin PDIP 42 pin PDIP 48 pin TSOP 48 pin TSOP 48 pin TSOP 48 pin RTSOP 48 pin RTSOP 48 pin RTSOP 44 pin TSOP 44 pin TSOP
PIN CONFIGURATION
44 SOP/44TSOP
NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 NC NC A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC
Note: 48-TSOP and 48-RTSOP support word mode only, not for byte mode.
42 PDIP
A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 NC A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC
48 TSOP (for word mode only)
NC A16 A15 A14 A13 A12 A11 A10 A9 A8 NC VSS NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 VSS VSS D15 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS
MX23L8100
MX23L8100
MX23L8100 (Normal Type)
48 Reverse TSOP (for word mode only)
VSS VSS D15 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 NC A16 A15 A14 A13 A12 A11 A10 A9 A8 NC VSS NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE
MX23L8100 (Reverse Type)
P/N:PM0464
REV. 1.5,FEB. 01, 1999
1
INDEX
MX23L8100
PIN DESCRIPTION
Symbol A0~A18 D0~D14 D15/A-1 CE OE Byte VCC VSS NC Pin Function Address Inputs Data Outputs D15(Word Mode)/LSB Address (Byte Mode) Chip Enable Input Output Enable Input Word/Byte Mode Selection Power Supply Pin Ground Pin No Connection MODE SELECTION
CE OE Byte D15/A-1 D0~D7 D8~D15 Mode H L L L X H L L X X H L X X Input High Z High Z D0~D7 High Z High Z High Z Byte Power Stand-by Active Active Active
Output D0~D7 D8~D15 Word
BLOCK DIAGRAM
A0 A18 CE BYTE OE
Address Buffer
Memory Array
Page Buffer
Word/ Byte
Output Buffer
D0 D15/(D7)
ABSOLUTE MAXIMUM RATINGS
Item Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VIN Topr Tstg Ratings -1.3V to VCC+2.0V (Note) 0 to 70 C C -65 to 125 C C
Note: Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to -1.3V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions, input may overshoot VCC to VCC+2.0V for periods of up to 20ns.
P/N:PM0464
REV. 1.5, FEB. 01, 1999
2
INDEX
MX23L8100
DC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 3.3V10%)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Standby Current (TTL) Standby Current (CMOS) Input Capacitance Output Capacitance Symbol VOH VOL VIH VIL ILI ILO ICC1 ISTB1 ISTB2 CIN COUT MIN. 24V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 5uA 5uA 20mA 1mA 5uA 10pF 10pF Conditions IOH = -0.4mA IOL = 1.6mA
0V, VCC 0V, VCC f=10MHz, all output open CE=VIH CE> VCC - 0.2V Ta = 25 f = 1MHZ C, Ta = 25 f = 1MHZ C,
AC CHARACTERISTICS (Ta = 0C ~ 70C, VCC = 3.3V10%)
Item Read Cycle Time Address Access Time Chip Enable Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tOE tOH tHZ 23L8100-10 MIN. MAX. 100ns 100ns 100ns 50ns 0ns 20ns 23L8100-12 MIN. MAX. 120ns 120ns 120ns 60ns 0ns 20ns 23L8100-15 MIN. MAX. 150ns 150ns 150ns 70ns 0ns 20ns
Note:Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~2.4V 10ns 1.4V 1.4V See Figure
IOH (load)=-0.4mA DOUT IOL (load)=1.6mA
C<100pF
Note:No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance.
P/N:PM0464
REV. 1.5, FEB. 01, 1999
3
INDEX
MX23L8100
TIMING DIAGRAM
RANDOM READ
ADD
ADD tACE
ADD tRC
ADD
CE
OE
tOE tOH VALID tHZ VALID
tAA DATA VALID
Note : CE, OE are enable.
P/N:PM0464
REV. 1.5, FEB. 01, 1999
4
INDEX
MX23L8100
PACKAGE INFORMATION
42-PIN PLASTIC DIP(600 mil)
ITEM A B C D E F G H I J K L M
NOTE:
MILLIMETERS 52.54 max. 0.76 [REF] 2.54 [TP] .46 [Typ.] 50.76 1.27 [Typ.] 3.30 . 25 .51 [REF] 3.94 . 25 5.33 max. 15.22 .25 13.97 .25 .25 [Typ.]
INCHES 2.070 max. .030 [REF] .100 [TP] .018 [Typ.] 2.000 .050 [Typ.] .130 .010 .020 [REF] .155 .010 .210 max. .600 .010 .550 .010 .010 [Typ.]
F D E C B M H G I J 1 A 21 K L 42 22
0~15
Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
44-PIN PLASTIC SOP
ITEM A B C D E F G H I J K L
MILLIMETERS 28.70 max. 1.10 [REF] 1.27 [TP] .40 .10 [Typ.] .010 min. 3.00 max. 2.80 .13 16.04 .30 12.60 1.72 .15 .10 [Typ.] .80 .20
INCHES 1.130 max. .043 [REF] .050 [TP] .016 .004 [Typ.] .004 min. .118 max. .110 .005 .631 .012 .496 .068 .006 .004 [Typ.] .031 .008
D C B G F K E L 1 A 22 H I J 44 23
NOTE: Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
P/N:PM0464
REV. 1.5, FEB. 01, 1999
5
INDEX
MX23L8100
PACKAGE INFORMATION
48-PIN PLASTIC TSOP
ITEM A B C D E F G H I J K L M N
NOTE:
MILLIMETERS 20.0 .20 18.40 .10 12.20 max. 0.15 [Typ.] .80 [Typ.] .20 .10 .30 .10 .50 [Typ.] .45 max. 0 ~ .20 1.00 .10 1.27 max. .50 0 ~ 5
INCHES
A
.787 .008 .724 .004 .480 max. .006 [Typ.] .031 [Typ.] .008 .004 .012 .004 .020 [Typ.] .018 max. 0 ~ .008 .039 .004 .050 max. .020 .500
B
C
N M
K D E F G H I J
L
Each lead centerline is located within .25 mm[.01 inch] of its true position [TP] at maximum material condition.
P/N:PM0464
REV. 1.5, FEB. 01, 1999
6
INDEX
MX23L8100
REVISION HISTORY
Revision 1.4 1.5 Description Add new 44pin TSOP (type 2) AC CHARACTERISTICS tOH 10ns-->0ns Page P3 Date Jul/17/1998 FEB/01/1999
P/N:PM0464
REV. 1.5, FEB. 01, 1999
7
INDEX
MX23L8100
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-8888 FAX:+886-3-578-8887
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-747-2309 FAX:+65-748-4090
TAIPEI OFFICE:
TEL:+886-3-509-3300 FAX:+886-3-509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
8


▲Up To Search▲   

 
Price & Availability of MX23L8100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X